PART |
Description |
Maker |
ICL7611 ICL7611BCPA ICL7611DCBA ICL7611DCBA-T ICL7 |
Op Amp, CMOS, Rail-to-Rail I/O, Programmable Icc, 1.4MHz, Low Voltage 1-8Vdc, Low Bias 0.05nA Op Amp, CMOS, Rail-to-Rail Output, 1.4MHz, Low Voltage 1-8Vdc, Programmable Icc, Low Bias 0.05nA 1.4MHz, Low Power CMOS Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
M74HC42 M74HC42RM13TR M74HC42TTR M74HC42B1R M74HC4 |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC -40 to 85 BCD TO DECIMAL DECODER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRKLF132 2213 IRKHF152-04HL IRKLF132-08HL IRKLF152 |
INT-A-pak Power Modules(可控二极H结构INT-A-pak功率模块) 相依甲柏功率模块(可控硅/二极结构相依甲柏功率模块 INT-A-pak Power Modules(可控可控L结构INT-A-pak功率模块) INT-A-pak Power Modules(可控二极管H结构INT-A-pak功率模块) From old datasheet system FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
|
International Rectifier, Corp.
|
HA7-2645-5 HA2-2640-2 HA2-2645-5 HA-2640 HA-2640_0 |
4MHz, High Supply Voltage Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
GA200HS60S |
600V DC-1 kHz (Standard) Half-Bridge IGBT in a INT-A-Pak package 600V的直千赫的廉政(标准)半桥IGBT à - Pak封装 HALF-BRIDGE IGBT INT-A-PAK
|
Ecliptek, Corp. IRF[International Rectifier]
|
LT1618EDD LT1618EMS LT16181 LT1618EDDPBF LT1618EDD |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10 Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
112MT120KB 112MT120KBS90 112MT100KB 112MT140KB 112 |
THREE PHASE CONTROLLED BRIDGE THREE PHASE CONTROLLED BRIDGE 三相控桥 CONN RING UNINSUL 12-10 AWG #10 HEADER, STRAIGHT, L/LATCH, 50WAY; Connector type:Wire-to-Board; Gender:Pin; Ways, No. of:50; Pitch, lead:2.54mm; Termination method:Solder; Material, contact:Phosphor Bronze (C510); Plating, contact:0.76u Gold over 2.54u Nickel; RoHS Compliant: Yes CONN L/FORK UNINSUL 12-10 AWG #1 Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers With Strain Relief RoHS Compliant: Yes Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers Without Strain Relief RoHS Compliant: Yes 800V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
GA125TS120U |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package HALF-BRIDGE IGBT INT-A-PAK
|
IRF[International Rectifier]
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
CA3260 CA3260A CA3260AE CA3260E FN1266 |
Op Amp, Dual BiMOS, MOSFET Inputs, CMOS Outputs, 4MHz, Improved Input Characteristics 4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output From old datasheet system
|
INTERSIL[Intersil Corporation]
|